Part Number Hot Search : 
AKD43 1N4728 CD22357A 000WD FD668 AM6080 1N6066 T824R25
Product Description
Full Text Search
 

To Download SSM3K7002F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  please design the appropriate reliability upon reviewing the ty semiconductor reliability handbook SSM3K7002F high-speed switching applications analog switch applications ? small package ? low on-resistance : r on = 3.3 (max) (@v gs = 4.5 v) : r on = 3.2 (max) (@v gs = 5 v) : r on = 3.0 (max) (@v gs = 10 v) absolute maximum ratings (ta = 25c) characteristics symbol rating unit drain-source voltage v ds 60 v gate-source voltage v gss 20 v dc i d 200 drain current pulse i dp 800 ma drain power dissipation (ta = 25c) p d 200 mw channel temperature t ch 150 c storage temperature range t stg ? 55 to 150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage a nd the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/vol tage, etc.) are within the absolute maximum ratings. (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). electrical characteristics (ta = 25c) characteristics symbol test condition min typ max unit gate leakage current i gss v gs = 20 v, v ds = 0 ? ? 10 a drain-source breakdown voltage v (br) dss i d = 0.1 ma, v gs = 0 60 ? ? v drain cutoff current i dss v ds = 60 v, v gs = 0 ? ? 1 a gate threshold voltage v th v ds = 10 v, i d = 0.25 ma 1.0 ? 2.5 v forward transfer admittance ? y fs ? v ds = 10 v, i d = 200 ma 170 ? ? ms i d = 500 ma, v gs = 10 v ? 2.0 3.0 i d = 100 ma, v gs = 5 v ? 2.1 3.2 drain-source on-resistance r ds (on) i d = 100 ma, v gs = 4.5 v ? 2.2 3.3 input capacitance c iss ? 17 ? pf reverse transfer capacitance c rss ? 1.4 ? pf output capacitance c oss v ds = 25 v, v gs = 0, f = 1 mhz ? 5.8 ? pf turn-on delay time td (on) ? 2.4 4.0 switching time turn-off delay time td (off) v dd = 30 v , i d = 200 ma , v gs = 0 to 10 v ? 26 40 ns unit: mm 1.1-0.1 2.90.2 1.9 +0.1 0.4-0.05 1 23 0.95 0.95 +0.2 0.16-0.06 +0.1 0.3 0~0.1 1.5-0.15 +0.25 2.5-0.3 +0.5 1.gate 2.source 3.drain weight: 0.012 g (typ.) product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
switching time test circuit marking equivalent circuit (top view) precaution v th can be expressed as the voltage between gate and sour ce when the low operating current value is i d = 0.25 ma for this product. for normal switching operation, v gs (on) requires a higher voltage than v th, and v gs (off) requires a lower voltage than v th. (the relationship can be established as follows: v gs (off) < v th < v gs (on). ) take this into consideration when using the device. handling precaution when handling individual devices that are not yet mounted on a circuit board, make sure that the environment is protected against electrostatic discharge. operators should wear antistatic clothing , and containers and other objects that come into direct contact with devices should be made of antistatic materials. nc 1 2 3 12 3 v dd = 30 v duty < = 1% v in : t r , t f < 2 ns (z out = 50 ) common source ta = 25 c in v dd out 50 r l (c) v out (b) v in (a) test circuit 10 v 0 10 s td (on) 90 % 10 % 0 v 10 v 10 % 90 % td (off) t r t f v dd v ds ( on ) SSM3K7002F product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SSM3K7002F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X